Part Number Hot Search : 
DDTC1 PM4388 BUY4701 ASM2I TLMK3200 WRB0512 PSS9014 PSS9014
Product Description
Full Text Search
 

To Download MSMLJ30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 websit e: http: //www.micros emi.com rf01003 rev a, june 2010 hi gh rel iability product group page 1 of 4 devices msmlj5.0a thru msmlj170ca, e3 and msmlg5.0a thru msmlg170ca, e3 levels m, ma, mx, mxl features ? high reliability controlled devices with wafer fabrication and assembly lot traceability ? 100 % surge tested devices ? optional u pscreening available by replacing the m pre fix with ma, mx or mxl. these prefixes specify various screening and conforman ce inspection options based on mil - prf - 19500. refer to micron ote 129 for mor e d etails on the screening options . ? axial - lead equivalent packages for thru - hole mounting available as m5kp5.0a to m5kp110ca with 5000 w rating, (consult factory f or other surface mount options) ? moisture classification is level 1 with no dry pack required per ipc/jedec j - std - 020b ? rohs compliant devices avai lable by adding an e3 suffix ? 3 lot norm screening performed on standby current i d applications / benefits ? suppresses transi ents up to 3000 watts @ 10/1000 s ? protection from switching transients an d induced rf ? protection from esd, and eft per iec 61000 - 4 - 2 and iec 61000 - 4 - 4 ? secondary lightning protection per iec61000 - 4 - 5 with 42 ohms source impedance: o class 1 & 2: msml 5.0 a to msml 170a ca o class 3: msml 5.0 a to msml150 ca o class 4: msml 5.0 a to msml 75 ca ? secondary lightning protection per iec61000 - 4 - 5 with 12 ohms source impedance: o class 1: msml 5.0 a to msml170 ca o class 2: msml 5.0 a to msml90 ca o class 3: msml 5.0 a to msml48 ca o class 4: msml 5.0 a to msml 24 ca ? secondary lightning protection per iec61000 - 4 - 5 with 2 ohms source impedance: o class 2: msml 5.0 a to msml43 ca o class 3: msml 5.0 a to msml22 ca o class 4: msml 5.0 a to msml 1 0 ca maximum ratings ? peak pulse power dissipation at 25 oc : 3000 watts at 10/1000 s (also see fig ures 1,2, and 3) with impulse repet ition rate (duty factor) of 0.01 % or less ? t clamping (0 v to v br min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional ? operating and storage temperature: - 65 oc to +150 oc ? thermal resistance: 17.5 oc/w junction to lead, or 77.5 o c/w junction to ambient when mounted on fr4 pc board (1 oz cu) with recommended footprint steady - state power dissipation: 6 watts at tl = 45 oc , or 1.61 watts at ta = 25 oc when mounted on fr4 pc board with recommended footprint (see page 2) ? forward surge at 25 oc: 200 amps peak impulse of 8.3 ms half - sine wave (unidirectional only) ? solder temperatures: 260 oc for 10 s (maximum) surface mount 3000 watt transient voltage suppressor - high reliability controlled devices - unidirectional (a) and bidirectional (ca) construction - available in both j - bend and gull - wing terminations - selections for 5.0 to 170 v standoff voltages (v wm )
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01003 rev a, june 2010 hi gh rel iability product group page 2 of 4 mechanical and packaging ? void - free transfer molded thermoset ting epoxy body meeting ul94v - 0 ? gull - wing or j - bend tin - lead (90 % sn, 10 % pb) or rohs (100 % sn) compliant annealed matte - tin plating solderab le per mil - std - 750, method 2026 ? cathode indicated by band. no cathode band on bi - directional devices. ? part number marked on package ? available in b ulk or custom tape - and - ree l packaging ? tape - and - reel option available with up to 750 per 7 inch reel or up to 2500 per 13 inch reel eia - 481 - b with 16 mm tape. add tr suffix to part number . ? weight: 0.25 gram (approximate ly ) package dimensions pad layout dimensions in inches a b c d e f k l min .115 .260 .220 .305 .077 .380 .025 .030 max .121 .280 .245 .320 .104 .400 .040 .060 dimensions in millimeters min 2.92 6.60 5.59 7.75 1.95 9.65 0.635 .760 max 3.07 7.11 6.22 8.13 2.65 10.16 1.016 1.520 typical standoff height: 0.004 C 0 .008 (0.1mm C 0.2mm) inches mm a 0 . 390 9.90 b 0 . 110 2.79 c 0 .1 50 3.81 inches mm a 0.510 12.95 b 0.110 2.79 c 0.150 3.81 symbols & definitions symbol definition symbol definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v br breakdown voltage i br breakdown current for v br i d standby current ( do - 214ab ) ( do - 215ab ) (smlj) (smlg) sm l j (do - 214a b ) sm l g (do - 215 a b )
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01003 rev a, june 2010 hi gh rel iability product group page 3 of 4 electrical characteristics @ 25 o c microsemi part number reverse stand - off voltage v wm breakdown voltage v br @ i br maximum clamping voltage v c @ i pp peak pulse current (see fig. 2) i pp maximum standby current i d @ v wm gull - wing j - bend v v ma v a ? a msmlg5.0a msmlg6.0a msmlj5.0a msmlj6.0a 5.0 6.0 6.40 C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C note 1: for bidirectional device types indicate a ca suffix after the part number (i.e. msmlg170 ca). bidirectional capacitance is half that shown i n figure 4 at zero volts. note 2 : microsemi corps sml series (3000w) surface mountable packages are designed specifically for transient voltage
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01003 rev a, june 2010 hi gh rel iability product group page 4 of 4 graphs figure 2 C pulse waveform (waveform C pp ) C p pp ) or continuous power in percent of 25 o c rating 1 ? ? ? l lead temperature o c figure 3 C derating curve bv: breakdown voltage in volts figure 4 typical capacitance vs. breakdown tp C C figure 1 C peak pulse power vs. pulse time c: capacitance in pico farads 0 1.0 10 100


▲Up To Search▲   

 
Price & Availability of MSMLJ30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X